assmann electronics, inc. this drawing is unpublished ?copyright 2010 by assmann electronic components all international rights reserved 1840 w. drake drive, suite 101 ? tempe, az 85283 toll free: 1-877-277-6266 ? email: info@usa-assmann.com rohs compliant item no. title = assmann logo a-mcssp60020/b-r cat.6 sftp patch cable - 8p8c 50, blue, 2 meters material: ? plug: yus-06 8p8c 50 ? conductor: - wire: cat.6 pimf str 26awg - bare copper 26awg 7/0.160.015mm ? insulator: - thickness min. at any point: 0.2mm - thickness max. avg.: 0.35mm - diameter: 1.050.06mm ? jacket pvc: - thickness min. at any point: 0.50mm - thickness max. avg.: 0.60mm - diameter: 6.10.02mm insulation (foam-skin) braiding 4*al-mylar type conductor jacketing 2,000mm.02mm 2m
|